PART |
Description |
Maker |
AS5SS256K18DQ-10/IT AS5SS256K18DQ-10/XT AS5SS256K1 |
256K x 18 SSRAM - synchronous burst SRAM, flow-thru 256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through 256K x 18 SSRAM Synchronous Burst SRAM. Flow-Through 256 × 18的SSRAM同步突发静态存储器。流通过
|
Austin Semiconductor, Inc
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
AS5SS256K18DQ-10_IT AS5SS256K18DQ-10_XT AS5SS256K1 |
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
|
Austin Semiconductor
|
AS5SS256K36ADQ-8.5/883C AS5SS256K36DQ-8.5/883C AS5 |
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
|
Austin Semiconductor
|
AS5SS256K36ADQ-10_883C AS5SS256K36ADQ-10_IT AS5SS2 |
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
|
Austin Semiconductor http://
|
A63L7332 A63L7332E-42 A63L7332E-45 A63L7332E-5 A63 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 4.2ns 128K x 32bit synchronous high speed SRAM 4.5ns 128K x 32bit synchronous high speed SRAM
|
AMIC Technology Corporation
|
CY7C0833AV CY7C0833AV-100BBC CY7C0833AV-100BBI CY7 |
FLEx18⑩ 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
CXK77B1841AGB CXK77B3641AGB |
4Mb Late Write LVTTL High Speed Synchronous SRAM (128K x 36Bit)(4M位、写延迟LVTTL高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速同步SRAM28K的x 36Bit)(4分位,写延迟LVTTL高速同步静态随机存储器28K的36位) 4Mb Late Write LVTTL High Speed Synchronous SRAMs (128K x 36Bit)(4M位、写延迟、高速逻辑收发(HSTL)、高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速(128K的x 36Bit)(4分位,写延迟,高速逻辑收发(HSTL),高速同步静态随机存储器28K的36位)同步静态存储器
|
Sony, Corp.
|
TC55V4376FF-83 |
128K Word x 36 Bit Synchronous Pipelined Burst Static RAM(128K 瀛?36浣??姝ョ?????查???RAM)
|
Toshiba Corporation
|